Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
42
DIGITAL FILTER SELECTION
The WM8741 includes a wide range of digital filters. A limited set of these can be selected in
hardware control mode as listed in Table 50. Full details of each digital filter response can be found
in section PCM Digital Filter Selection, from page 37.
PIN
NAME
DESCRIPTION
4
FSEL/
DINR
Digital filter selection
(32/44.1/48kHz):
0 = Response 1
1 = Response 5
Z = Response 4
Digital filter selection (88.2/96kHz
and 176.4/192kHz):
0 = Response 1
1 = Response 3
Z = Response 2
Table 50 FSEL/DINR Hardware Control Pin Function
There is no choice of digital filters in DSD Direct mode – only the very minimal filtering described in
Figure 72 and Figure 73 is available.
DIFFERENTIAL MONO MODE
If DIFFHW (pin 6) is held to Logic 1, hardware controlled differential mono mode is selected. This
overrides any other control pin or register bit. Differential mono mode allows the user to build a dual
differential stereo DAC implementation with higher performance and differential output. DIFFHW is
used in conjunction with MODE/LRSEL (pin 24) to define a ‘left’ or ‘right’ DAC as shown in Table 51.
PIN NUMBER
6
24
DESCRIPTION
NAME
DIFFHW
MODE/LRSEL
0
0
Hardware control (stereo)
0
Z
2-wire Software Control
0
1
3-wire software control)
1
0
Mono Left – differential outputs
VOUTLP = left channel
VOUTLN = left channel inverted
VOUTRP = left channel inverted
VOUTRN = left channel
1
1
Mono right – differential outputs
VOUTLP = right channel inverted
VOUTLN = right channel
VOUTRP = right channel
VOUTRN = right channel inverted
Table 51 DIFFHW and MODE/LRSEL Hardware Control Pin Functions
Differential mono mode is available for all PCM hardware controlled modes and DSD Direct hardware
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com