Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8741 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
w
WM8741
24-bit 192kHz DAC with Advanced Digital Filtering
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, October 2009, Rev 4.2
Copyright
©2009 Wolfson Microelectronics plc
DESCRIPTION
The WM8741 is a very high performance stereo DAC
designed for audio applications such as professional
recording systems, A/V receivers and high specification CD,
DVD and home theatre systems. The device supports PCM
data input word lengths from 16 to 32-bits and sampling
rates up to 192kHz. The WM8741 also supports DSD bit-
stream data format, in both direct DSD and PCM-converted
DSD modes.
The WM8741 includes fine resolution volume and soft mute
control, digital de-emphasis and a range of advanced digital
filter responses, followed by a digital interpolation filter,
multi-bit sigma delta modulator and stereo DAC. Wolfson’s
patented architecture optimises the linearity of the DAC and
provides maximum insensitivity to clock jitter.
The digital filters include several selectable roll-off and
performance characteristics. The user can select between
standard sharp or slow roll-off responses. In addition, the
WM8741 includes a selection of advanced digital filter
characteristics including non-half band filters and minimum
phase filters.
This flexibility provides a range of benefits, such as
significantly reduced pre-ringing and minimal group delay.
The internal digital filters can also be by-passed and the
WM8741 used with an external digital filter.
The WM8741 supports two connection schemes for audio
DAC control. The 2/3 wire serial control interface provides
access to all features. A range of features can also be
accessed by hardware control interface.
The WM8741 is available in a convenient 28-SSOP
package, and is pin compatible with the WM8740.
FEATURES
•
Advanced Ultra High Performance Multi-bit Sigma-Delta
Architecture
− 128dB SNR (‘A’-weighted mono @ 48kHz)
− 125dB SNR (‘A’-weighted stereo @ 48kHz)
− 123dB SNR (non-weighted stereo @ 48kHz)
− -100dB THD @ 48kHz
− Differential analogue voltage outputs
− High tolerance to clock jitter
•
PCM Mode
− Sampling frequency: 32kHz to 192kHz
− Input data word length support: 16 to 32-bit
− Supports all standard audio interface formats
− Selectable advanced digital filter responses
−
Includes linear/minimum phase and range of
tailored characteristics
−
Enables low pre-ringing, minimal latency
− Optional interface to industry standard external filters
− Digital volume control in 0.125dB steps with soft ramp
and soft mute
− Anti-clipping mode to prevent distortion even with input
signals recorded up to 0dB
− Selectable de-emphasis support
− Zero Flag output
•
DSD Mode
− DSD bit-stream support for SACD applications
− Support for normal or phase modulated bit-streams
− Direct or PCM converted DSD paths (DSD Plus)
− DSD mute
•
Hardware or software control modes:
− 2 and 3 wire serial control interface support
•
Pin compatible with WM8740
•
4.5V to 5.5V analogue, 3.0V to 3.6V digital supply operation
•
28-lead SSOP Package
APPLICATIONS
•
Professional audio systems
•
CD, DVD, SACD audio
•
Home theatre systems
•
A/V receivers


Similar Part No. - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
24-bit 192kHz DAC with Advanced Digital Filtering
More results

Similar Description - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
122dB, 24-Bit, 192kHz DAC for Digital Audio
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8742 CIRRUS-WM8742 Datasheet
2Mb / 66P
24-bit 192 kHz DAC with Advanced Digital Filtering
Rev 4.4 JAN 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com