Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
WM8741
Production Data
w
PD, Rev 4.2, October 2009
10
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
3.3
3.6
V
Analogue supply range
AVDD
4.5
5
5.5
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue operating current
IAVDD
AVDD = 5V
55
mA
Digital operating current
IDVDD
DVDD = 3.3V
40
mA
Analogue standby current
IAVDD (Standby)
AVDD = 5V
Clocks stopped
45
mA
Digital standby current
IDVDD (Standby)
DVDD = 3.3V
Clocks stopped
1.5
mA
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, 1kHz test signal, fs = 48kHz, MCLK = 512fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Output LOW level
VOL
IOL = 2mA
0.1 x DVDD
V
Output HIGH level
VOH
IOH = 2mA
0.9 x DVDD
V
DSD Input Characteristics
DSD reference level
DSD Direct or DSD Plus Mode
0
50
dBDSD
%
DAC Performance
Signal to Noise Ratio
(Note 1)
SNR
A-weighted mono
@ fs = 48kHz
128
dB
A-weighted stereo
@ fs = 48kHz
120
125
dB
A-weighted stereo
@ fs = 96kHz
123
dB
A-weighted stereo
@ fs = 192kHz
120
dB
Non-weighted stereo
@ fs = 48kHz
122
dB
Dynamic Range
(Note 2)
DNR
A=weighted,
-60dB full scale input
125
dB
Total Harmonic Distortion
(Note 2)
THD
Mono 0dB @ fs = 48kHz
-100
dB
Stereo 0dB @ fs = 48kHz
-100
dB
Stereo 0dB @ fs = 96kHz
-100
dB
Stereo 0dB @ fs = 192kHz
-100
dB
Channel Separation
1kHz
130
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.01
Degree
Power Supply Rejection
Ratio
PSRR
100mVpp at 1kHz
-80
dB
20Hz to 20kHz 100mVpp
-67
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com