Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8762CGED/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8762CGED/R
Description  24-bit 192kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762CGED/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8762CGED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
WM8762
Production Data
w
PD, Rev 4.6, November 2011
10
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference
clock to which all audio data processing is synchronised. This clock is often referred to as the
audio system’s Master Clock. The external master clock can be applied directly through the
MCLK input pin with no configuration necessary for sample rate selection.
Note that on the WM8762, MCLK is used to derive clocks for the DAC path. The DAC path
consists of DAC sampling clock, DAC digital filter clock and DAC digital audio interface timing.
In a system where there are a number of possible sources for the reference clock it is
recommended that the clock source with the lowest jitter be used to optimise the performance of
the DAC.
The device can be powered down by stopping MCLK. In this state the power consumption is
substantially reduced.
DIGITAL AUDIO INTERFACE
WM8762 supports the left justified audio interface format. The WM8762 supports word lengths
of 16-24 bits (MSB first). The word length may be any value up to 24-bits. (If the word length
shorter than 24-bits is used, the unused bits will be padded with zeros).
In left justified mode, the MSB of DIN is sampled by the WM8762 on the first rising edge of
BCKIN following a LRCIN transition. LRCIN is high during the left samples and low during the
right samples.
Figure 6 Left Justified Mode Timing Diagram
AUDIO DATA SAMPLING RATES
The master clock for WM8762 supports audio sampling rates from 128fs to 768fs, where fs is
the audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
The WM8762 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 8 master clocks). If
there is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output.
The master clock should be synchronised with LRCIN, although the WM8762 is tolerant of
phase differences or jitter on this clock.
SAMPLING
RATE
(LRCIN)
MASTER CLOCK FREQUENCY (MHZ) (MCLK)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.114
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Master Clock Frequencies Versus Sampling Rate
If operating in 192fs or 384fs modes, the following conditions must be met, otherwise the
WM8762 may behave in an unspecified manner:
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MS
n
3
2
1
n-2 n-1
LSB
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com