Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8762CGED/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8762CGED/R
Description  24-bit 192kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762CGED/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8762CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
WM8762
Production Data
w
PD, Rev 4.6, November 2011
17
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
23/12/03
4.0
JMacD
Updated to Production Data
Order codes: leadfree and T&R options added, peak soldering temp added p3
29//09/04
4.1
JC
Pin Configuration: Pin 8 changed to VOUTR and Pin 5 changed to VOUTL, p3
Pin Description: changes as above, p3
Recommended External Component Diagram, changes as above, p12
25/07/06
4.2
JMacD
Order Codes – removed leaded codes, p3
Important Notice updated, p15
21/04/08
4.3
ID
Added DAC phase invertion comment – P9
Added POR description and changed POR threshold from 1.8V to 2.4V. to be consistent
with other devices.
Removed “WIDE BODY” from package information.
04/11/08
4.4
JMacD
Minimum Temp updated from -25 to -40
oC, p2, p4
28/06/11
4.5
BT
Added 192fs and 384fs recommended operating conditions to avoid unspecified
operation in Audio Data Sampling Rates section, p10 and p11.
26/09/11
4.6
JMacD
Order codes changed from WM8762GED/V and WM8762GED/RV to WM8762CGED
and WM8762CGED/R to reflect change to copper wire bonding.
26/09/11
4.6
JMacD
MSL changed from MSL2 to MSL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com