Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8762CGED/R Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8762CGED/R
Description  24-bit 192kHz Stereo DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762CGED/R Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8762CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8762CGED/R Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
WM8762
Production Data
w
PD, Rev 4.6, November 2011
11
1)
After reset, ensure that LRCLK and BCLK are provided within 768 MCLK periods
of MCLK starting up
2)
If switching to 192fs or 384fs modes at any time during operation, reset the
WM8762 by recycling the power
DIGITAL FILTER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband Edge
-3dB
0.487fs
Passband Ripple
f < 0.444fs
0.05
dB
Stopband Attenuation
f > 0.555fs
-60
dB
Table 2 Digital Filter Characteristics
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
Figure 7 DAC Digital Filter Frequency Response
-44.1, 48 and 96kHz
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 8 DAC Digital Filter Ripple -44.1, 48 and 96kHz
-80
-60
-40
-20
0
0
0.2
0.4
0.6
0.8
1
Frequency (Fs)
Figure 9 DAC Digital Filter Frequency Response – 192kHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 10 DAC Digital Filter Ripple –192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com