Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8850 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
39
STEREO ANALOGUE LINE RECORD
Stereo analogue line input is supported using the VIN1LP, VIN1LN, VIN1RP and VIN1RN pins; these
are available for high-quality stereo digitisation through the ADC1 node.
The WM8850 nodes associated with this function are shown in Figure 5.
Figure 5 Stereo Analogue Line Record Path
This section provides a summary of the Port-E, PGA1 and ADC1 nodes, and describes the vendor-
specific verb functions associated with each.
PORT-E (NID = 0CH)
Table 6 gives a summary of the Port-E node:
NODE SUMMARY INFORMATION
NID
0Ch
Widget Type
Pin Complex
Supported Get Verbs
F00h, F07h, F08h, F09h, F0Ch, F1Ch, F8Eh, FB0h
Supported Set Verbs
707h, 708h, 70Ch, 71Ch, 71Dh, 71Eh, 71Fh, 78Eh, 7B0h
Unsolicited Responses
Presence Detect Status Change
Vendor-Specific Verbs
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
FB0h, 7B0h : Auto-Mute Control Verb
Table 6 Port-E Node Summary Information
Port-E supports two different input configurations, controlled by the EAPD/BTL Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
70Ch
0
BTL
1h
Controls the configuration of the input pins on
Port-E:
0 = Single-ended mode
1 = BTL (balanced) mode
In single-ended input mode, VIN1LP and VIN1RP are used as the Port-E input pins VIN1LN and
VIN1RN must be left floating in this mode. Note that the full-scale input signal level is reduced in
single-ended mode, as shown in the “Electrical Characteristics” section.
In differential input mode, VIN1LP, VIN1LN, VIN1RP and VIN1RN are used as the Port-E input pins.
See Figure 6 for examples of the external connections required in each of the supported input
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com