Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8850 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 223 page
background image
Pre-Production
WM8850
w
PP, April 2011, Rev 3.2
73
ANCILLARY FUNCTIONS
The WM8850 contains a beep widget suitable for the playback of system beeps to the analogue
output widgets.
BEEP (NID = 14h)
Table 31 gives a summary of the Beep node:
NODE SUMMARY INFORMATION
NID
14h
Widget Type
Beep Generator
Supported Get Verbs
Bh, F00h, F0Ah, F72h
Supported Set Verbs
3h, 70Ah, 772h
Unsolicited Responses
Not supported
Vendor-Specific Verbs
F72h, 772h : Beep Mask Selection Verb
Table 31 Beep Node Summary Information
The Beep node controls the system beep sound created by the WM8850. The volume of the beep
signal is controlled using the Amplifier Gain/Mute Verb. The frequency of the beep signal is controlled
using the Beep Generation Verb.
The beep signal overrides any sound currently being reproduced in the output path. Under default
conditions, the beep is applied to all active outputs simultaneously. It is possible to mask the beep
generator output to appear only at specific output nodes using the vendor-specific Beep Mask
Selection Verb.
SET VERB
BIT
BITFIELD
NAME
DEFAULT
DESCRIPTION
772h
2
Port-A Beep
Mask
0h
Beep mask enable for Port-A (DAC1)
0h = Beep produced on Port-A
1h = Beep not produced on Port-A
1
Port-G Beep
Mask
0h
Beep mask enable for Port-G (DAC2)
0h = Beep produced on Port-G
1h = Beep not produced on Port-G
0
Port-F Beep
Mask
0h
Beep mask enable for Port-F (DAC3)
0h = Beep produced on Port-F
1h = Beep not produced on Port-F
AUDIO FUNCTION GROUP (NID = 01h)
Table 32 gives a summary of the Audio Function Group node:
NODE SUMMARY INFORMATION
NID
01h
Widget Type
Audio Function Group
Supported Get Verbs
F00h, F05h, F08h, F15h, F16h, F17h, F18h, F19h, F1Ah, F20h,
F71h, F86h, F8Eh
Supported Set Verbs
7FFh, 705h, 708h, 715h, 716h, 717h, 718h, 719h, 71Ah, 720h,
721h, 722h, 723h, 771h, 786h, 78Eh
Unsolicited Responses
GPIO status change
Vendor-Specific Verbs
F71h, 771h : VMID Control Verb
F86h, 786h : GPIO Automatic Control Verb
F8Eh, 78Eh : Unsolicited Response Priority Control Verb
Table 32 Audio Function Group Node Summary Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com