Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8850 Datasheet (PDF) - Wolfson Microelectronics plc

WM8850 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8850
Download  WM8850 Download
File Size   1230.0 Kbytes
Page   223 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Multi-Channel High Definition Audio CODEC

WM8850 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8850 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8850
Download  WM8850 Click to download

File Size   1230.0 Kbytes
Page   223 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Multi-Channel High Definition Audio CODEC

WM8850 Datasheet (HTML) - Wolfson Microelectronics plc


WM8850 Product details

DESCRIPTION

The WM8850 is a high performance multi-channel audio CODEC designed for high performance PC audio systems. The device offers full compatibility with the Intel High Definition Audio (HDA) specification revision 1.0,allowing seamless integration with industry-standard HDA controllers.



FEATURES

 Multi-channel High Definition Audio CODEC

 Fully compatible with Intel High Definition Audio Revision 1.0

 6-Channel DAC, 4-channel ADC

 DAC sampling frequency 8kHz - 192kHz

 ADC sampling frequency 8kHz - 96kHz

 DAC Performance:

  - SNR 108 dB (‘A’ weighted)

  - SNR 105dB (non weighted)

  - THD -96dB (at 0dBFS)

 ADC Performance:

  - SNR 105 dB (‘A’ weighted)

  - SNR 102dB (non weighted)

  - THD -95dB (at -1dBFS)

 Ground-referenced stereo headphone driver

 Differential line inputs/outputs

 Stereo microphone interface with integrated pre-amp

 Multi-channel digital microphone interface

 IEC-60958-3 compatible S/PDIF transceiver

 Additional IEC-60958-3 compatible S/PDIF transmitter

 Jack detect and load impedance sensing

 Beep generator

 GPIO functionality

 IEEE-754 Single precision 32-bit floating point support

 Power supplies

  - Digital core:  1.62V – 1.98V

  - Digital buffer:  2.97V – 3.63V

  - Analogue:  4.5V – 5.25V

  - Charge pump:  4.5V – 5.25V  48-pin 7mm x 7mm QFN package



APPLICATIONS

High performance PC audio

All-in-one desktop PC

Notebook PC




Similar Part No. - WM8850

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFT WOLFSON-WM8802SCFT Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFTV WOLFSON-WM8802SCFTV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8802SCFV WOLFSON-WM8802SCFV Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
More results


Similar Description - WM8850

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
Multi-Channel High Definition Audio CODEC
logo
Cirrus Logic
WM8860 CIRRUS-WM8860 Datasheet
3Mb / 188P
Multi-channel High Definition Audio CODEC
logo
Realtek Semiconductor C...
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com