Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/V Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
103
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R40 (28h)
DRC 0
15
DRC_ENA
0
DRC enable
1 = enabled
0 = disabled
14
DRC_DAC_PA
TH
0
DRC path select
0 = Reserved
1 = DAC path
12:11
DRC_GS_HYS
T_LVL [1:0]
00
Gain smoothing hysteresis threshold
00 = Low
01 = Medium (recommended)
10 = High
11 = Reserved
10:6
DRC_STARTU
P_GAIN [4:0]
0_0110
Initial gain at DRC startup
00000 = -3dB
00001 = -2.5dB
00010 = -2dB
00011 = -1.5dB
00100 = -1dB
00101 = -0.5dB
00110 = 0dB (default)
00111 = 0.5dB
01000 = 1dB
01001 = 1.5dB
01010 = 2dB
01011 = 2.5dB
01100 = 3dB
01101 = 3.5dB
01110 = 4dB
01111 = 4.5dB
10000 = 5dB
10001 = 5.5dB
10010 = 6dB
10011 to 11111 = Reserved
5
DRC_FF_DEL
AY
1
Feed-forward delay for anti-clip feature
0 = 5 samples
1 = 9 samples
Time delay can be calculated as 5/fs or 9/ fs, where fs
is the sample rate.
3
DRC_GS_ENA
1
Gain smoothing enable
0 = disabled
1 = enabled
2
DRC_QR
1
Quick release enable
0 = disabled
1 = enabled
1
DRC_ANTICLI
P
1
Anti-clip enable
0 = disabled
1 = enabled
0
DRC_GS_HYS
T
1
Gain smoothing hysteresis enable
0 = disabled
1 = enabled
Register 28h DRC 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com