Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/V Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/V
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/V Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8912GEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
105
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R42 (2Ah)
DRC 2
5:3
DRC_HI_COM
P [2:0]
000
Compressor slope R0
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
2:0
DRC_LO_COM
P [2:0]
000
Compressor slope R1
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
Register 2Ah DRC 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R43 (2Bh)
DRC 3
10:5
DRC_KNEE_IP
[5:0]
00_0000
Compressor threshold T (dB)
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
4:0
DRC_KNEE_O
P [4:0]
0_0000
Compressor amplitude at threshold YT (dB)
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
Register 2Bh DRC 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com