Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945ECS/R Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8945ECS/R
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945ECS/R Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8945ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
58
ANALOGUE OUTPUTS
The speaker outputs are highly configurable and may be used in many different ways. The output
mixers can be configured to generate mono or stereo, single-ended or differential outputs. The Class
AB Speaker output driver can deliver up to 400mW into an 8
 speaker in BTL mode. Alternatively,
the Speaker outputs can deliver 40mW to a stereo 16
 headphone load.
LINE OUTPUT
The line output LINEOUTL is the external connection to the MIXOUTL mixer. This is a single-ended
output driver.
Note that single-ended line output can also be provided on SPKOUTL and SPKOUTR.
SPEAKER OUTPUTS
The speaker outputs SPKOUTL and SPKOUTR are the external connections to the Speaker Output
mixers. These outputs are intended for a mono speaker or headphone in BTL configuration or for a
twin mono line load.
In a typical application, a BTL output from the DAC may be generated at the speaker outputs by
routing the inverted DAC signal to one output and the non-inverted DAC signal to the other.
The auxiliary inputs AUX1 or AUX2 may be routed to the mono speaker by enabling the respective
signal path in either the Left or Right speaker output mixer. (Note that these signals should not be
enabled in both mixers at once; this will lead to cancellation at the BTL output.)
EXTERNAL COMPONENTS FOR LINE OUTPUT
In single-ended output configurations, DC blocking capacitors are required at the output pins
(LINEOUTL, SPKOUTL and SPKOUTR). See “Applications Information” for details of these
components.
Note that these components are not required for differential (BTL) output modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com