Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945ECS/R Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8945ECS/R
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945ECS/R Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8945ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
84
The AUXADC has 3 available input sources, which are SPKVDD, AUX1 and AUX2. Each of these
inputs is enabled by setting the respective bit in the AuxADC Source Register (R62). The WM8945
provides options to select the scaling and voltage reference for these inputs; these are described in
Table 57.
Note that the AUX1 and AUX2 pins should not be used as AUXADC inputs if they are used as audio
inputs. (See “Input Signal Path”.)
For each AUXADC measurement event (in Manual or Automatic modes), the WM8945 selects the
next enabled input source. Any number of inputs may be selected simultaneously; the AUXADC will
measure each on in turn. Note that only a single AUXADC measurement is made on any Manual or
Automatic trigger.
The control fields associated with initiating AUXADC measurements are defined in Table 56.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61 (3Dh)
AuxADC
Control
15
AUX_ENA
0
AUXADC Enable
0 = Disabled
1 = Enabled
14
AUX_CVT_ENA
0
AUXADC Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are
enabled by setting this bit.
In manual mode (AUX_RATE = 0),
setting this bit will initiate a
conversion; the bit is reset
automatically.
4:0
AUX_RATE [4:0]
0_0000
AUXADC Conversion Rate
0_0000 = Manual conversion
0_0001 = 16Hz
0_0010 = 32Hz
…(16Hz steps)
1_1111 = 496Hz
R62 (3Eh)
AuxADC
Source
8
AUX_BATT_SEL
0
AUXADC Battery (SPKVDD) input
select
0 = Disable Battery (SPKVDD)
measurement
1 = Enable Battery (SPKVDD)
measurement
1
AUX_AUX2_SE
L
0
AUXADC AUX2 input select
0 = Disable AUX2 measurement
1 = Enable AUX2 measurement
0
AUX_AUX1_SE
L
0
AUXADC AUX1 input select
0 = Disable AUX1 measurement
1 = Enable AUX1 measurement
Table 56 AUXADC Control
AUXADC INPUT CONFIGURATION
For inputs AUX1 and AUX2, the AUXADC uses either LDOVDD/2 or the 1.5V (nominal) bandgap as a
reference. This is selected independently for each AUX input, as described in Table 57. Selecting the
bandgap as a reference provides additional immunity to any noise on the supply rails.
The internal bandgap reference is nominally 1.5V. Note that this value is not trimmed and may vary
significantly (+/-10%) between different devices. When using this reference, the internal bandgap
reference must be enabled by setting the BG_ENA register, as described in Table 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com