Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945ECS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8945ECS/R
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945ECS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8945ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
12
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AuxADC and Touch Panel Interface
Maximum input signal
level (changes in
proportion to LDOVDD)
3.3
V
Input leakage current
AUX pin not selected as
AUXADC input
10
nA
Input resistance
50
Input capacitance
10
pF
AUXADC resolution
12
Bits
AUXADC conversion
time
20.8
s
AUXADC accuracy
6
LSB
Touch Panel switch
matrix resistance
20
Maximum Pen-Down
detection sensitivity pull-
up resistor
55
63
70
k
Touch Pressure current
source
TCH_ISEL = 0
230
uA
TCH_ISEL = 1
460
uA
Pen-Down detection
threshold (changes in
proportion to LDOVDD)
1.65
V
Digital Inputs/Outputs
Input high level
0.7
DBVDD
V
Input low level
0.3
DBVDD
V
Output high level
IOL = 1mA
0.8
DBVDD
V
Output low level
IOH = -1mA
0.2
DBVDD
V
Input capacitance
10
pF
Input leakage
All digital pins except CIFMODE
-900
900
nA
CIFMODE pin
-90
90
nA
LDO Regulator
Input voltage
LDOVDD
2.4
3.3
3.6
V
Output voltage
LDOVOUT
LDO_REF_SEL = 0
3.0
V
Maximum output current
(see note)
50
mA
Output voltage accuracy
ILOAD = 50mA
2
%
Quiescent current
No Load
55
A
Leakage current
1
A
PSRR (with respect to
LDOVDD)
217Hz
1kHz
40
49
dB
Video Buffer
Maximum output voltage
swing
Vom
f=100kHz, THD=1%
1.10
1.25
1.50
V pk-pk
Voltage gain
Av
VB_GAIN = 1, RREF=187,
RLOAD=75, RSOURCE=75
5.08
6
7.94
dB
VB_GAIN = 0, RREF=187,
RLOAD=75, RSOURCE=75
-0.92
0
1.94
dB
Gain step size
6
dB
Differential gain
DG
Vin = 1V pk-pk
-2.0
0.3
+2.0
%
Differential phase
DP
Vin = 1V pk-pk
-2.0
0.7
+2.0
Deg
SNR
VSNR
40
60
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com