Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945ECS/R Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8945ECS/R
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945ECS/R Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8945ECS/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 100Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 101Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 102Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 103Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 104Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
101
In Read operations (R/W=1), the SDA pin is driven by the controlling device to clock in the register
address, after which the WM8945 drives the SDA pin to output the applicable data bits.
Similarly to 2-wire control mode, the WM8945 can be set to transmit a logic 1 by tri-stating the SDA
pin, rather than pulling it high (SPI_OD = 1). An external pull-up resistor is required to pull the SDA
line high so that the logic 1 can be recognised by the master.
The 3-wire control mode timing is illustrated in Figure 45.
Figure 45 3-Wire Serial Control Interface
4-WIRE (SPI) CONTROL MODE
The 4-wire control interface uses the CS
¯¯ , SCLK, SDA and SDOUT pins.
The Data Output pin, SDOUT, can be configured as CMOS or Open Drain, as described in Table 66.
In CMOS mode, SDOUT is driven low when not outputting register data bits. In Open Drain mode,
SDOUT is undriven (high impedance) when not outputting register data bits.
In Write operations (R/W=0), this mode is the same as 3-wire mode described above.
In Read operations (R/W=1), the SDATA pin is ignored following receipt of the valid register address.
SDOUT is driven by the WM8945.
The 4-wire control mode timing is illustrated in Figure 46 and Figure 47.
Figure 46 4-Wire Readback (CMOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com