Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945ECS/R Datasheet(PDF) 109 Page - Wolfson Microelectronics plc

Part # WM8945ECS/R
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945ECS/R Datasheet(HTML) 109 Page - Wolfson Microelectronics plc

Back Button WM8945ECS/R Datasheet HTML 105Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 106Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 107Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 108Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 109Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 110Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 111Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 112Page - Wolfson Microelectronics plc WM8945ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
109
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
AMP
T
R23 (17h) Left DAC digital Vol
0
0
0
DAC_
VU
0
0
0
DACL_
MUTE
DACL_VOL[7:0]
00C0h
R25 (19h) ADC Control 1
0
0
0
0
0
0
0
ADC_
MUTE
ALL
0
0
0
0
0
0
0
ADCL_
DATIN
V
0100h
R26 (1Ah) ADC Control 2
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC_HPF_CU
T[1:0]
ADC_
HPF
0000h
R27 (1Bh) Left ADC Digital Vol
0
0
0
ADC_
VU
0
0
0
ADCL_
MUTE
ADCL_VOL[7:0]
00C0h
R29 (1Dh) DRC Control 1
0
0
0
0
0
0
0
DRC_
NG_E
NA
DRC_
ENA
0
0
0
1
DRC_
QR
DRC_
ANTIC
LIP
1
000Fh
R30 (1Eh) DRC Control 2
0
0
0
DRC_NG_MINGAIN[3:0]
0
0
0
1
DRC_MINGAIN[2:0]
DRC_MAXGAI
N[1:0]
0C25h
R31 (1Fh) DRC Control 3
0
0
0
0
0
0
1
1
DRC_ATK[3:0]
DRC_DCY[3:0]
0342h
R32 (20h) DRC Control 4
0
0
0
DRC_KNEE2_IP[4:0]
DRC_KNEE_IP[5:0]
0
0
0000h
R33 (21h) DRC Control 5
0
0
DRC_
KNEE2
_OP_E
NA
DRC_KNEE2_OP[4:0]
DRC_KNEE_OP[4:0]
DRC_HI_COMP[2:0]
0003h
R34 (22h) DRC Control 6
0
0
0
0
0
0
0
0
0
0
0
0
DRC_QR_THR[
1:0]
DRC_QR_DCY
[1:0]
0000h
R35 (23h) DRC Control 7
0
0
0
0
0
0
DRC_NG_EXP[
1:0]
DRC_LO_COMP[2:0]
DRC_INIT[4:0]
0000h
R36 (24h) DRC Status
DRC_GAIN[15:0]
0000h
R37 (25h) Beep Control 1
0
0
0
0
0
0
0
0
0
BEEP_GAIN[3:0]
BEEP_RATE[1:
0]
BEEP_
ENA
0002h
R38 (26h) Video Buffer
0
0
0
0
0
0
0
0
VB_EN
A
VB_Q
BOOS
T
VB_G
AIN
VB_DISOFF[2:0]
VB_PD VB_CL
AMP
001Ch
R39 (27h) Input ctrl
0
0
0
0
0
0
0
AUX2_
AUDIO
AUX1_
AUDIO
MICB_
LVL
1
MICLN
_TO_N
_PGAL
0
1
P_PGAL_SEL[
1:0]
0035h
R40 (28h) Left INP PGA gain
ctrl
0
0
0
0
0
0
0
PGA_
VU
PGAL_
ZC
PGAL_
MUTE
PGAL_VOL[5:0]
0050h
R42 (2Ah) Output ctrl
THER
R_ACT
0
SPKR_
VMID_
OP_E
NA
SPKL_
VMID_
OP_E
NA
0
LINEL
_VMID
_OP_E
NA
1
LINEL
_MUT
E
SPKR_
DISCH
SPKL_
DISCH
0
LINEL
_DISC
H
0
0
SPK_V
ROI
LINE_
VROI
8300h
R43 (2Bh) SPK mixer control1
0
0
0
0
0
0
0
AUX1_
TO_SP
KL
PGAL_
TO_SP
KL
BYPL_
TO_P
GAL
MDAC
L_TO_
PGAL
0
DACL_
TO_P
GAL
0
AUX2_
TO_P
GAL
AUX1_
TO_P
GAL
0000h
R44 (2Ch) SPK mixer control2
0
0
0
0
0
0
0
AUX1_
TO_SP
KR
PGAR
_TO_S
PKR
0
MDAC
L_TO_
PGAR
0
DACL_
TO_P
GAR
0
AUX2_
TO_P
GAR
AUX1_
TO_P
GAR
0000h
R45 (2Dh) SPK mixer control3
0
0
0
0
0
0
0
AUX1_
TO_SP
KL_AT
TEN
PGAL_
TO_SP
KL_AT
TEN
BYPL_
TO_P
GAL_A
TTEN
0
0
DACL_
TO_P
GAL_A
TTEN
0
AUX2_
TO_P
GAL_A
TTEN
AUX1_
TO_P
GAL_A
TTEN
0000h
R46 (2Eh) SPK mixer control4
0
0
0
0
0
0
0
AUX1_
TO_SP
KR_AT
TEN
PGAR
_TO_S
PKR_A
TTEN
0
0
0
DACL_
TO_P
GAR_
ATTEN
0
AUX2_
TO_P
GAR_
ATTEN
AUX1_
TO_P
GAR_
ATTEN
0000h
R47 (2Fh) Left SPK volume ctrl
0
0
0
0
0
0
0
SPK_V
U
SPKL_
ZC
SPKL_
PGA_
MUTE
SPKL_VOL[5:0]
0079h
R48 (30h) Right SPK volume
ctrl
0
0
0
0
0
0
0
SPK_V
U
SPKR_
ZC
SPKR_
PGA_
MUTE
SPKR_VOL[5:0]
0079h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com