Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/V
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
13
Figure 7 Typical Power up Sequence where DVDD1 is Powered before AVDD
Figure 7 shows a typical power-up sequence where DVDD1 is powered up first. It is assumed that
DVDD1 is already up to specified operating voltage. When AVDD goes above the minimum
threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the
chip is held in reset. In this condition, all writes to the control interface are ignored. When AVDD rises
to Vpora_on, PORB is released high and all registers are in their default state and writes to the
control interface may take place.
On power down, where DVDD1 falls first, PORB is asserted low whenever DVDD1 drops below the
minimum threshold Vpord_off.
SYMBOL
TYP
UNIT
Vpora
0.6
V
Vpora_on
1.2
V
Vpora_off
0.6
V
Vpord_on
0.7
V
Vpord_off
0.6
V
Table 1 Typical POR Operation (typical values, not tested)
Note: It is recommended that every time power is cycled to the WM8213 a software reset is written
to the software register to ensure that the contents of the control registers are at their default values
before carrying out any other register writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com