Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/V
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
25
NORMAL OPERATING MODES
Table 4 below shows the normal operating modes of the device. The MCLK speed can be specified
along with the MCLK:VSMP ratio to achieve the desired sample rate.
NUMBER
OF
CHANNELS
DESCRIPTION
CDS
AVAILABLE
MAXIMUM
SAMPLE RATE
TIMING
REQUIREMENTS
CHANNEL
MODE
SETTINGS
3
Three channel
Pixel-by-Pixel
YES
8 MSPS
MCLK max = 24MHz
Minimum MCLK:VSMP
ratio = 3:1
MONO = 0
TWOCHAN = 0
2
Two channel
Pixel-by-Pixel
YES
12 MSPS
MCLK max = 24MHz
Minimum MCLK:VSMP
ratio = 2:1
MONO = 0
TWOCHAN = 1
1
One channel
Pixel-by-Pixel
YES
24 MSPS
MCLK max = 24MHz
Minimum MCLK:VSMP
ratio = 1:1
MONO = 1
TWOCHAN = 0
Table 4 WM8213 Normal Operating Modes
Table 5 below shows the different channel mode register settings required to operate the 8213 in 1, 2
and 3 channel modes.
MONO
TWOCHAN
CHAN[1:0]
MODE DESCRIPTION
0
0
XX
3-channel (colour mode)
0
1
XX
2-channel (Blue PGA disabled)
1
0
00
1-channel (monochrome) mode.
Red channel selected, Green and Blue PGAs disabled.
1
0
01
1-channel (monochrome) mode.
Green channel selected, Red and Blue PGAs disabled.
1
0
10
1-channel (monochrome) mode.
Blue channel selected, Red and Green PGAs disabled.
1
0
11
Invalid mode
1
1
XX
Invalid mode
Table 5 Sampling Mode Summary
Note: Unused input pins should be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com