Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/V
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8213SCDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
21
CALCULATING THE OUTPUT CODE FOR A GIVEN INPUT
The following equations describe the processing of the video and reset level signals through the
WM8213. The values of V1, V2 and V3 are often calculated in reverse order during device setup. The
PGA value is written first to set the input Voltage range, the Offset DAC is then adjusted
to compensate for any Black/Reset level offsets and finally the RLC DAC value is set to position the
reset level correctly during operation.
Note:
Refer to Applications Note WAN0123 for detailed information on device calibration
procedures.
INPUT SAMPLING BLOCK: INPUT SAMPLING AND REFERENCING
If CDS = 1, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from the
input video.
V1
=
VIN - VRESET
Eqn. 1
If CDS = 0, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted
instead.
V1
=
VIN - VVRLC
Eqn. 2
If VRLCDACPD = 1, VVRLC is an externally applied voltage on pin VRLC/VBIAS.
If VRLCDACPD = 0, VVRLC is the output from the internal RLC DAC.
VVRLC
=
(VRLCSTEP
∗ RLC DAC[3:0]) + VRLCBOT
Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV
∗ (DAC[7:0]-127.5) } / 127.5
Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain.
V3
=
V2
∗ (0.66 + PGA[8:0]x7.34/511)
Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 32767
PGAFS[1:0] = 00 or 01
Eqn. 6
D1[15:0] = INT{ (V3 /VFS)
∗ 65535}
PGAFS[1:0] = 11
Eqn. 7
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 65535
PGAFS[1:0] = 10
Eqn. 8
where the ADC full-scale range, VFS = 2V when LOWREFS=0 and VFS = 1.2V when LOWREFS=1.
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0] (INVOP = 0)
Eqn. 9
D2[15:0] = 65535 – D1[15:0]
(INVOP = 1)
Eqn. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com