Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8232
Description  70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8232 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8232 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
w
WM8232
70MSPS 3-Channel AFE with Sensor Timing Generation and
LVDS/CMOS Data Output
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Product Brief, February 2012, Rev 3.0
Copyright
2012 Wolfson Microelectronics plc.
DESCRIPTION
The WM8232 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 35MSPS.
The device has three analogue signal processing channels
each of which contains Reset Level Clamping, Correlated
Double Sampling (also Sample and Hold), Programmable
Gain, Automatic Gain Control (AGC) and Offset adjust
functions.
The output from each of these channels is time multiplexed,
in pairs, into three high-speed 16-bit Analogue to Digital
Converters.
The digital data is available in a variety of
output formats via the flexible data port.
The WM8232 has a user selectable LVDS or CMOS output
architecture.
An internal 8-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Clamping to clamp CCD signals. An
external reference level may also be supplied. ADC
references are generated internally, ensuring optimum
performance from the device.
A programmable automatic Black Level Calibration function
is available to adjust the DC offset of the output data.
The WM8232 features a sensor timing clock generator for
both CCD and CIS sensors. The clock generator can accept
a slow or fast reference clock input and also has a flexible
timing adjustment function for output timing clocks to allow
use of many different sensors.
FEATURES
70MSPS conversion rate
16 bit ADC resolution
Current consumption – 230mA
3.3V single supply operation
Sample and hold /correlated double sampling
Programmable offset adjust (8-bit resolution)
Flexible clamp timing
Pixel clamp / line clamp mode
Programmable clamp voltage
Programmable CIS/CCD timing generator
Internally generated voltage references
Compliant for Spread Spectrum Clock
LVDS/CMOS output options
-
LVDS 5pair 490MHz 35-bit data
-
CMOS 90MHz output maximum
Complete on chip clock generator. MCLK 5MHz to 35MHz
Internal timing adjustment
Automatic Gain Control
Automatic Black Level Calibration
56-lead QFN package 8mm x 8mm
Serial control interface
APPLICATIONS
Digital Copiers
USB2.0 compatible scanners
Multi-function peripherals
High-speed CCD/CIS sensor interface


Similar Part No. - WM8232

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8232 CIRRUS-WM8232 Datasheet
3Mb / 141P
105MSPS 3-Channel AFE with Sensor
More results

Similar Description - WM8232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDCS1000 HP-HDCS1000 Datasheet
25Kb / 2P
Integrated CMOS Image Sensor with Digital Output and Timing Controller
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Wolfson Microelectronic...
WM8233 WOLFSON-WM8233 Datasheet
279Kb / 15P
70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8234 WOLFSON-WM8234 Datasheet
241Kb / 15P
70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
WM8235 WOLFSON-WM8235 Datasheet
225Kb / 15P
70MSPS 9-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Cirrus Logic
WM8232 CIRRUS-WM8232 Datasheet
3Mb / 141P
105MSPS 3-Channel AFE with Sensor
WM8233 CIRRUS-WM8233 Datasheet
3Mb / 146P
210MSPS 6-Channel AFE with Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com