Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8232
Description  70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8232 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8232 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
WM8232
Product Brief
w
Product Brief, Rev 3.0, February 2012
12
RECOMMENDED EXTERNAL COMPONENT VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
0.1uF
De-coupling for AVDD1
C2
0.1uF
De-coupling for AVDD2
C3
0.1uF
De-coupling for DBVDD
C4
0.1uF
De-coupling for LDO1VDD
C5
0.1uF
De-coupling for LDO2VDD
C6
0.1uF
De-coupling for VREF1C
C7
0.1uF
De-coupling for VREF2C
C8
0.1uF
De-coupling for VREF3C
C9
0.01uF
High frequency decoupling between VREF1C and VREF3C
C10
10uF
Low frequency decoupling between VREF1C and VREF3C
C11
1uF
De-coupling for VRLC/VBIAS
C12
1uF
De-coupling for LDO1VOUT
C13
1uF
De-coupling for LDO2VOUT
C14
10uF
Reservoir capacitor for AVDD1
C15
10uF
Reservoir capacitor for AVDD2
C16
10uF
Reservoir capacitor for DBVDD
C17
10uF
Reservoir capacitor for LDO1VDD
C18
10uF
Reservoir capacitor for LDO2VDD
C19
10uF
Reservoir capacitor for LDOOUT
C20
10uF
Reservoir capacitor for LDOOUT
Table 1 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com