Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8232 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8232
Description  70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8232 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8232 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8232 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
WM8232
Product Brief
w
Product Brief, Rev 3.0, February 2012
15
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
16/11/10
1.0
NB
First Release
09/02/12
3.0
JMacD
Current consumption updated to 230mA
DAC description updated from 4-bit to 8-bit
Temperature range updated to -40
Updated ADCFS characteristics
Updated RLC DAC resolution
Updated parameter name and register name for RLC DAC
Added test condition for TG output
Updated Supply currents
29/02/12
3.0
JMacD
Recommended External Component Values – C9 value updated to 0.01uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com