Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 35Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 36Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 37Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 38Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 39Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 40Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 41Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 42Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
39
The polarity of the output signal can also be changed under software control using the
ADCLPOL/ADCRPOL register bit.
The oversampling rate of the ADC can be adjusted using the
ADCOSR128 register bit. With ADCOSR=0 the oversample rate is 64x which gives lowest power
operation and when ADCOSR=1 the oversample rate is 128x which gives best performance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
ADC Control
0
ADCLPOL
0
ADC left channel polarity adjust:
0 = normal
1 = inverted
1
ADCRPOL
0
ADC right channel polarity adjust:
0 = normal
1 = inverted
3
ADCOSR128
0
ADC oversample rate select:
0 = 64x (lower power)
1 = 128x (best performance)
Table 14 ADC Control
SELECTABLE HIGH PASS FILTER
A selectable high pass filter is provided and enabled as default. To disable this filter set HPFEN=0.
The filter has two modes controlled by HPFAPP. In Audio Mode (HPFAPP=0) the filter is first order,
with a cut-off frequency of 3.7Hz. In Application Mode (HPFAPP=1) the filter is second order, with a
cut-off frequency selectable via the HPFCUT register. The cut-off frequencies when HPFAPP=1 are
shown in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
ADC Control
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 16 for details.
PLL Output Clock Division Ratio
00 = divide by 1
01 = divide by 2
10 = divide by 3
11 = divide by 4
Note: HPCUT and OPCLKDIV cannot be
set independently
7
HPFAPP
0
Select audio mode or application mode
0 = Audio mode (1st order, fc = ~3.7Hz)
1 = Application mode (2nd order, fc =
HPFCUT)
8
HPFEN
1
High Pass Filter Enable
0 = disabled
1 = enabled
Table 15 ADC Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com