Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 41Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 42Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 43Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 44Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 45Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 46Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 47Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 48Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
… (time doubles with every step)
1010
23.2ms
186ms
1.348s
Table 20 ALC Control Registers
When the ALC is disabled, the input PGA remains at the last controlled value of the ALC. An input
gain update must be made by writing to the INPPGAVOLL/R register bits.
NORMAL MODE
In normal mode, the ALC will attempt to maintain a constant signal level by increasing or decreasing
the gain of the PGA. The following diagram shows an example of this.
Figure 21 ALC Normal Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com