Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 45Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 46Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 47Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 48Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 49Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 50Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 51Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 52Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
49
MINIMUM AND MAXIMUM GAIN
The ALCMIN and ALCMAX register bits set the minimum/maximum gain value that the PGA can be
set to whilst under the control of the ALC. This has no effect on the PGA when ALC is not enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
ALC Control
1
5:3
ALCMAX
111
Set Maximum Gain of PGA
2:0
ALCMIN
000
Set minimum gain of PGA
Table 23 ALC Max/Min Gain
In normal mode, ALCMAX sets the maximum boost which can be applied to the signal. In limiter
mode, ALCMAX will normally have no effect (assuming the starting gain value is less than the
maximum gain specified by ALCMAX) because the maximum gain is set at the starting gain level.
ALCMIN sets the minimum gain value which can be applied to the signal.
Figure 23 ALC Min/Max Gain
ALCMAX
Maximum Gain (dB)
111
35.25
110
29.25
101
23.25
100
17.25
011
11.25
010
5.25
001
-0.75
000
-6.75
Table 24 ALC Max Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com