Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX511 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 2 Page - Sony Corporation

  ILX511 Datasheet HTML 1Page - Sony Corporation ILX511 Datasheet HTML 2Page - Sony Corporation ILX511 Datasheet HTML 3Page - Sony Corporation ILX511 Datasheet HTML 4Page - Sony Corporation ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
—2—
ILX511
Pin Description
Mode Description
Recommended Voltage
Input Clock Voltage Condition (Note)
Note) This is applied to the all pulses applied externally. (
φ CLK, φ ROG)
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Symbol
VOUT
GND
GND
SHSW
φ CLK
VDD
NC
NC
VDD
NC
φ ROG
GND
NC
NC
VDD
GND
GND
VGG
GND
VDD
VDD
VDD
Description
Signal output
GND
GND
Switch (with S/H or without S/H)
Clock pulse input
5V power supply
NC
NC
5V power supply
NC
Readout gate pulse input
GND
NC
NC
5V power supply
GND
GND
Output circuit gate bias
GND
5V power supply
5V power supply
5V power supply
Mode in Use
Pin 4 (SHSW)
With S/H
GND
Without S/H
VDD
Item
Min.
Typ.
Max.
Unit
VDD
4.5
5.0
5.5
V
Item
Min.
Typ.
Max.
Unit
VIH
4.5
5.0
5.5
V
VIL
0
—
0.5
V
Item
Symbol
Min.
Typ.
Max.
Unit
Input capacity of
φ CLK pin
C
φ CLK
—10—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com