Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX511 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 1 Page - Sony Corporation

  ILX511 Datasheet HTML 1Page - Sony Corporation ILX511 Datasheet HTML 2Page - Sony Corporation ILX511 Datasheet HTML 3Page - Sony Corporation ILX511 Datasheet HTML 4Page - Sony Corporation ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
—1—
E94108-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Description
The ILX511 is a rectangular reduction type CCD
linear image sensor designed for bar code POS
hand scanner and optical measuring equipment use.
A built-in timing generator and clock-drivers ensure
single 5 V power supply for easy use.
Features
• Number of effective pixels:
2048 pixels
• Pixel size:
14 µm
× 200 µm
(14 µm pitch)
• Single 5 V power supply
• Ultra-high sensitivity
• Built-in timing generator and clock-drivers
• Built-in sample-and-hold circuit
• Maximum clock frequency:
2MHz
Absolute Maximum Ratings
• Supply voltage
VDD
6V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
2048-pixel CCD Linear Image Sensor (B/W)
22 pin DIP (Plastic)
Pin Configuration (Top View)
ILX511
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
2048
1
VDD
VDD
VDD
GND
VGG
GND
GND
VDD
NC
NC
GND
φROG
NC
VDD
NC
NC
VDD
φCLK
SHSW
GND
GND
VOUT
Block Diagram
For the availability of this product, please contact the sales office.


Similar Part No. - ILX511

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX516K SONY-ILX516K Datasheet
132Kb / 11P
3648 X 3pixel CCD Linear Sensor (Color)
ILX518 SONY-ILX518 Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX511

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com