Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX511 Datasheet(PDF) 10 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 10 Page - Sony Corporation

Back Button ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation ILX511 Datasheet HTML 10Page - Sony Corporation ILX511 Datasheet HTML 11Page - Sony Corporation ILX511 Datasheet HTML 12Page - Sony Corporation ILX511 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
—10—
ILX511
Application Circuit (Without S/H mode (Note))
Note) This circuit diagram is the case when internal S/H is not used.
φROG
φCLK
0.01µ 22µ/10V
Output signal
2SA1175
3K
Ω
10µ/16V
5V
+
+
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party and other right due to same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com