Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX521 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 2 Page - Sony Corporation

  ILX521 Datasheet HTML 1Page - Sony Corporation ILX521 Datasheet HTML 2Page - Sony Corporation ILX521 Datasheet HTML 3Page - Sony Corporation ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– 2 –
ILX521AA
Pin Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
NC
NC
GND
VOUT
TEST
φCLK
S/H SW
φROG
NC
NC
NC
NC
GND
Signal output
Test (open)
Clock pulse input
Switching of with S/H or without S/H
Readout gate pulse input
NC
NC
Pin No.
Symbol
Description
11
12
13
14
15
16
17
18
19
20
NC
NC
NC
NC
VDD
NC
NC
NC
NC
NC
NC
NC
NC
NC
5V power supply
NC
NC
NC
NC
NC
Input Pin Capacity
C
φCLK
C
φROG
Min.
—
—
Typ.
10
10
Max.
—
—
Unit
pF
pF
Item
Symbol
Input capacity of
φCLK pin
Input capacity of
φROG pin
Input Clock Voltage Condition∗1
High level
Low level
Min.
Symbol
4.5
0
VIH
VIL
Typ.
VDD
—
Max.
VDD + 0.5
0.5
Unit
V
V
Item
∗1 This is applied to the all external pulses. (φCLK, φROG)
Mode Description
Used mode
with S/H
without S/H
Pin 7 S/H SW
GND
VDD
Recommended Voltage
Item
VDD
Min.
4.75
Typ.
5.0
Max.
5.25
Unit
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com