Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX521 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 1 Page - Sony Corporation

  ILX521 Datasheet HTML 1Page - Sony Corporation ILX521 Datasheet HTML 2Page - Sony Corporation ILX521 Datasheet HTML 3Page - Sony Corporation ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ILX521AA
256-pixel CCD Linear Image Sensor (B/W)
Description
The ILX521AA is a rectangular reduction type CCD
linear image sensor designed for image scanner
sensor. A built-in timing generator and clock driver
ensure single 5V power supply for easy use.
Features
• Number of effective pixels: 256 pixels
• Pixel size: 14µm
× 14µm (14µm pitch)
• Built-in timing generator and clock driver
• Built-in S/H circuit
• Maximum data rate: 2MHz
• Single 5V power supply
• Clear mold package (20-pin SOP)
Absolute Maximum Ratings
• Supply voltage
VDD
6V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
– 1 –
E99155-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
20 pin SOP (MOLD)
7
8
9
10
14
13
12
11
20
19
18
17
16
15
1
2
3
4
5
6
NC
NC
GND
VOUT
TEST
φCLK
S/H SW
φROG
NC
NC
NC
NC
NC
NC
NC
VDD
NC
NC
NC
NC
1
256


Similar Part No. - ILX521

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX521 SONY-ILX521 Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX521

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX103A SONY-ILX103A Datasheet
100Kb / 12P
3000-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
5000-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521A SONY-ILX521A Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX526A SONY-ILX526A Datasheet
204Kb / 13P
3000-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com