Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX521 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation ILX521 Datasheet HTML 10Page - Sony Corporation ILX521 Datasheet HTML 11Page - Sony Corporation ILX521 Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– 11 –
ILX521AA
Notes on Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non-chargeable gloves, clothes or material. Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensors.
e) For the shipment of mounted substrates, use boxes treated for the prevention of static charges.
2) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Use a grounded 30W soldering iron and solder each pin in less than 2 seconds. For repairs and remount,
cool sufficiently.
c) To dismount an image sensor, do not use solder suction equipment. When using an electric desoldering
tool, ground the controller. For the temperature control system, use a zero-cross type.
3) Dust and dirt protection
a) Operate in clean environments.
b) Do not either touch mirror surfaces by hand or have any object come in contact with mirror surfaces.
Should dirt stick to a mirror surface, blow it off with an air blower. (For dirt stuck through static electricity
ionized air is recommended.)
c) Clean with a cotton bud and ethyl alcohol if the mirror surfaces are grease stained. Be careful not to
scratch the mirror surfaces.
d) Keep in a case to protect from dust and dirt. To prevent dew condensation on the mirror surfaces,
preheat or precool when moving to a room with great temperature differences.
4) Do not expose to intense light for long periods.
5) Exposure to high temperatures or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.
6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.
7) Normal output signal is not obtained immediately after device switch on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com