Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8299 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8299
Description  3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8299 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8299 Datasheet HTML 7Page - Richtek Technology Corporation RT8299 Datasheet HTML 8Page - Richtek Technology Corporation RT8299 Datasheet HTML 9Page - Richtek Technology Corporation RT8299 Datasheet HTML 10Page - Richtek Technology Corporation RT8299 Datasheet HTML 11Page - Richtek Technology Corporation RT8299 Datasheet HTML 12Page - Richtek Technology Corporation RT8299 Datasheet HTML 13Page - Richtek Technology Corporation RT8299 Datasheet HTML 14Page - Richtek Technology Corporation RT8299 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT8299
13
DS8299-01 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 7. PCB Layout Guide
VIN
VOUT
GND
CIN
GND
SW
VOUT
COUT
R1
R2
Input capacitor must
be placed as close
to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The feedback components
must be connected as close
to the device as possible.
BOOT
VIN
SW
GND
VCC
PGOOD
FB
EN
GND
2
3
4
5
6
7
8
9
CVCC
RS*
CS*
GND
VIN
REN
RPG
VCC
The CVCC component must be connected
as close to the device as possible.
The REN component
must be connected to
VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com