Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8299 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8299
Description  3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8299 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8299 Datasheet HTML 1Page - Richtek Technology Corporation RT8299 Datasheet HTML 2Page - Richtek Technology Corporation RT8299 Datasheet HTML 3Page - Richtek Technology Corporation RT8299 Datasheet HTML 4Page - Richtek Technology Corporation RT8299 Datasheet HTML 5Page - Richtek Technology Corporation RT8299 Datasheet HTML 6Page - Richtek Technology Corporation RT8299 Datasheet HTML 7Page - Richtek Technology Corporation RT8299 Datasheet HTML 8Page - Richtek Technology Corporation RT8299 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8299
2
DS8299-01 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT8299ZQW
56 : Product Number
YMDNN : Date Code
56 YM
DNN
RT8299
VIN
CIN
VIN
EN
PGODD
SW
BOOT
CBOOT
L1
VOUT
COUT
R2
Chip Enable
VCC
GND
RT
R1
FB
Power Good
CVCC
10µF x 2
VOUT (V)
R1 (k
Ω) R2 (kΩ) RT (kΩ) L (μH) COUT (μF)
1.2
15
30
50
2
22 x 2
2.5
25.5
12
40
3.6
22 x 2
3.3
16
5.1
30
4.7
22 x 2
5
27
5.1
18
6.8
22 x 2
Table 1. Recommended Component Selection
Marking Information
RT8299
GSPYMDNN
RT8299ZSP
RT8299ZSP : Product Number
YMDNN : Date Code
RT8299GSP
RT8299GSP : Product Number
YMDNN : Date Code
RT8299GQW
56= : Product Number
YMDNN : Date Code
RT8299
ZSPYMDNN
56=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com