Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8299 Datasheet (PDF) - Richtek Technology Corporation

RT8299 Datasheet PDF - Richtek Technology Corporation
Part # RT8299
Download  RT8299 Download
File Size   287.1 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 24V, 500kHz Synchronous Step-Down Converter

RT8299 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8299 Datasheet PDF - Richtek Technology Corporation

Part # RT8299
Download  RT8299 Click to download

File Size   287.1 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 24V, 500kHz Synchronous Step-Down Converter

RT8299 Datasheet (HTML) - Richtek Technology Corporation


RT8299 Product details

General Description

The RT8299 is a high efficiency, monolithic synchronous step-down DC/DC converter with internal power MOSFETs. It achieves 3A of continuous output current over a wide input supply range from 3V to 24V with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization. Cycle by-cycle current limit provides protection against shorted outputs and soft-start eliminates input current surge during start-up.



Features

3V to 24V Input Voltage Range

3A Output Current

Internal N-MOSFETs

Current Mode Control

Fixed Frequency Operation : 500kHz

Output Adjustable from 0.8V to 15V

Up to 95% Efficiency

Stable with Low ESR Ceramic Output Capacitors

Cycle-by-Cycle Over Current Protection

Input Under Voltage Lockout

Output Under Voltage Protection

Thermal Shutdown Protection

SOP-8 (Exposed Pad) and 10-Lead WDFN Packages

RoHS Compliant and Halogen Free



Applications

Industrial and Commercial Low Power Systems

Computer Peripherals

LCD Monitors and TVs

Green Electronics/Appliances

Point of Load Regulation for High Performance DSPs,

FPGAs, and ASICs




Similar Part No. - RT8299

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Similar Description - RT8299

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com