Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX019AM Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX019AM Datasheet HTML 9Page - Sony Corporation LCX019AM Datasheet HTML 10Page - Sony Corporation LCX019AM Datasheet HTML 11Page - Sony Corporation LCX019AM Datasheet HTML 12Page - Sony Corporation LCX019AM Datasheet HTML 13Page - Sony Corporation LCX019AM Datasheet HTML 14Page - Sony Corporation LCX019AM Datasheet HTML 15Page - Sony Corporation LCX019AM Datasheet HTML 16Page - Sony Corporation LCX019AM Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
– 13 –
LCX019AM
5. Flicker
Flicker (F) is given by the formula (5). DC and AC (NTSC: 30Hz, rms, PAL: 25Hz, rms) components of the
panel output signal for gray raster∗ mode are measured by a DC voltmeter and a spectrum analyzer in
system II.
AC component
F [dB] = 20log
{
} ...... (5)
DC component
6. Image retention time
Image retention time is given by following procedures.
Apply the monoscope signal to the LCD panel for 60 minutes and then change this signal to the gray scale
of Vsig = 7.0 ± VAC (VAC: 3 to 4V). Hold VAC that maximizes image retention judging by sight. Measure the
time till the residual image becomes indistinct.
∗ Monoscope signal conditions:
Vsig = 7.0 ± 4.5 or ± 2.0 [V]
(shown in the right figure)
Vcom = 6.8V
7. Cross talk
Cross talk is determined by the luminance differences between adjacent areas represented Wi' and Wi (i =
1 to 4) around black window (Vsig = 4.5V/1V).
Cross talk CTK =
× 100 [%]
∗ Each input signal condition for gray raster mode is given by
Vsig = 7.0 ± V50 [V]
where: V50 is the signal amplitude which gives 50% of
transmittance in V-T characteristics.
Black level
White level
Vsig waveform
7.0V
0V
4.5V
2.0V
4.5V
2.0V
W1 W1'
W3 W3'
W2
W2'
W4
W4'
Wi' – Wi
Wi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com