Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX019AM Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 1 Page - Sony Corporation

  LCX019AM Datasheet HTML 1Page - Sony Corporation LCX019AM Datasheet HTML 2Page - Sony Corporation LCX019AM Datasheet HTML 3Page - Sony Corporation LCX019AM Datasheet HTML 4Page - Sony Corporation LCX019AM Datasheet HTML 5Page - Sony Corporation LCX019AM Datasheet HTML 6Page - Sony Corporation LCX019AM Datasheet HTML 7Page - Sony Corporation LCX019AM Datasheet HTML 8Page - Sony Corporation LCX019AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The LCX019AM is a 3.4cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral
driving
circuit.
This
panel
allows
full-color
representation without color filters through the use of
a microlens.
This panel has an aspect ratio of 4:3 and supports
NTSC/PAL display.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
Features
• The number of active dots: 576,000 (1.32-inch; 3.4cm in diagonal)
• Horizontal resolution: 600TV lines
• Effective aperture ratio: 70% (reference value)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Supports NTSC
(PAL mode also available through conversion of scanned dot numbers by an external IC)
• Up/down and/or right/left inverse display function
Element Structure
• Dots: 1199.5 (H)
× 480 (V) = 575,760
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
Liquid crystal projectors, etc.
– 1 –
LCX019AM
E97106A94-PS
3.4cm (1.32-inch) LCD Panel (with microlens)
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - LCX019AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
3.6cm (1.43-inch) LCD Panel (with microlens)
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX019AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
3.4cm (1.35-inch) Color LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
3.6cm (1.43-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
1.8cm (0.7-inch) Color LCD Panel
LCX021AM SONY-LCX021AM Datasheet
317Kb / 24P
4.1cm (1.6-inch) LCD Panel (with microlens)
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
3.4cm (1.35 Type) Black-and-White LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com