Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX019AM Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX019AM
Description  3.4cm (1.32-inch) LCD Panel (with microlens)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX019AM Datasheet(HTML) 4 Page - Sony Corporation

  LCX019AM Datasheet HTML 1Page - Sony Corporation LCX019AM Datasheet HTML 2Page - Sony Corporation LCX019AM Datasheet HTML 3Page - Sony Corporation LCX019AM Datasheet HTML 4Page - Sony Corporation LCX019AM Datasheet HTML 5Page - Sony Corporation LCX019AM Datasheet HTML 6Page - Sony Corporation LCX019AM Datasheet HTML 7Page - Sony Corporation LCX019AM Datasheet HTML 8Page - Sony Corporation LCX019AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
– 4 –
LCX019AM
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supply. In addition,
protective resistors are added to all pins except video signal input. All pins are connected to VSS with a high
resistance of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (The resistor value: typ.)
Input
LC
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
VVDD
Input
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
HVDD
Input
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
HVDD
Input
HVDD
250
Ω
250
Ω
250
Ω
250
Ω
Level conversion circuit
(2-phase input)
Input
HVDD
Signal line
(1) SIG1, SIG2, SIG3, SIG4, SIG5, SIG6, PSIG
(2) HCK1, HCK2
(3) RGT
(4) HST
(5) PCG, VCK
(6) VST, ENB, DWN
(7) COM
1M
Ω
Input
1M
Ω
1M
Ω
1M
Ω
1M
Ω
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
VVDD
Input
1M
Ω
1M
Ω
1M
Ω
VVDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com