Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX024 Datasheet(PDF) 22 Page - Sony Corporation

Part # LCX024
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX024 Datasheet(HTML) 22 Page - Sony Corporation

Back Button LCX024 Datasheet HTML 16Page - Sony Corporation LCX024 Datasheet HTML 17Page - Sony Corporation LCX024 Datasheet HTML 18Page - Sony Corporation LCX024 Datasheet HTML 19Page - Sony Corporation LCX024 Datasheet HTML 20Page - Sony Corporation LCX024 Datasheet HTML 21Page - Sony Corporation LCX024 Datasheet HTML 22Page - Sony Corporation LCX024 Datasheet HTML 23Page - Sony Corporation LCX024 Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
– 22 –
LCX024AKB
Color Display System Block Diagram (3)
An example of dual-chip display system is shown below.
Y/color difference
Y/C
LCD panel
NTSC/PAL
LCX024AKB
Decoder/Driver
CXA1785AR
TG
CXD2411AR
RED
GREEN
BLUE
HCK1
HST
VST
HCK2
EN
VCK
CLR
RGT
(Refer to CXD2411AR data sheet.)
+5V
FRP
SYNC
Composite video
+12V
+5V
+12.0 or +13.5V
VCOM
When the CXA1785AR and the CXD2411AR are used, connect BLK (Pin 5) of the LCD panel to VSS or leave
that pin open. The LCX024AKB specification conforms to the LCX005BKB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com