Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX024 Datasheet(PDF) 6 Page - Sony Corporation

Part # LCX024
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX024 Datasheet(HTML) 6 Page - Sony Corporation

Back Button LCX024 Datasheet HTML 2Page - Sony Corporation LCX024 Datasheet HTML 3Page - Sony Corporation LCX024 Datasheet HTML 4Page - Sony Corporation LCX024 Datasheet HTML 5Page - Sony Corporation LCX024 Datasheet HTML 6Page - Sony Corporation LCX024 Datasheet HTML 7Page - Sony Corporation LCX024 Datasheet HTML 8Page - Sony Corporation LCX024 Datasheet HTML 9Page - Sony Corporation LCX024 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
LCX024AKB
Input Signals
1. Input signal voltage conditions (VSS = 0V, VDD = 11.4 to 14V)
Item
H driver input voltage
(HST, HCK1, HCK2, RGT)
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
VCOM
–0.35
2.6
–0.35
2.6
5.8
VVC – 0.45
0.0
5.0
0.0
5.0
6.0
VVC – 0.3
0.35
5.5
0.35
5.5
6.2
VVC – 0.15
V
V
V
V
V
V
V driver input voltage
(VST, VCK1, VCK2, CLR, EN)
Video signal center voltage
Common voltage of panel
Symbol
Min.
Typ.
Max.
Unit
Note) Video signal shall be symmetrical to VVC.
Supplement) Video signal input range is set within the range shown below for VDD and VSS.
Also, video signal white level is defined for VVC as shown below.
Item
Video signal input range
Video signal input white level
Vsig
VsigL
VSS + 1.3
0.5
VDD – 1.8
V
V
Symbol
Min.
Typ.
Max.
Unit
VsigL
White level
VsigL
Video signal input range
Max. VDD – 1.8 [V]
Min. VSS + 1.3 [V]
VDD
VDD – 1.8
VVC
VSS + 1.3
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com