Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX024 Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX024
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX024 Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX024 Datasheet HTML 7Page - Sony Corporation LCX024 Datasheet HTML 8Page - Sony Corporation LCX024 Datasheet HTML 9Page - Sony Corporation LCX024 Datasheet HTML 10Page - Sony Corporation LCX024 Datasheet HTML 11Page - Sony Corporation LCX024 Datasheet HTML 12Page - Sony Corporation LCX024 Datasheet HTML 13Page - Sony Corporation LCX024 Datasheet HTML 14Page - Sony Corporation LCX024 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
LCX024AKB
Electro-optical Characteristics
(Ta = 25°C, NTSC mode)
Item
Contrast
ratio
VDD = 12.0V
Vsig = 6.0 ± 4.0V
VDD = 13.5V
Vsig = 6.0 ± 4.5V
60°C
25°C
60°C
25°C
X
Y
X
Y
X
Y
25°C
60°C
25°C
60°C
25°C
60°C
R vs. G
B vs. G
0°C
25°C
0°C
25°C
60°C
60 min.
CR4.060
CR4.025
CR4.560
CR4.525
T
Rx
Ry
Gx
Gy
Bx
By
V90-25
V90-60
V50-25
V50-60
V10-25
V10-60
V50RG
V50BG
ton0
ton25
toff0
toff25
F
YT60
70
70
80
80
2.6
0.560
0.300
0.275
0.541
0.120
0.040
1.1
1.0
1.5
1.4
2.2
2.1
—
—
—
—
—
—
—
—
200
200
270
270
3.4
0.630
0.345
0.310
0.595
0.148
0.088
1.6
1.5
2.0
1.8
2.5
2.4
–0.10
0.10
30
8
65
20
—
—
—
—
—
—
—
0.670
0.390
0.347
0.650
0.187
0.122
2.2
2.1
2.5
2.4
3.2
3.1
–0.25
0.45
100
40
150
60
–40
20
1
2
3
4
5
6
7
8
—
%
CIE
standards
V
V
ms
dB
s
Optical transmittance
Chromaticity
R
G
B
V90
V50
V10
ON time
OFF time
V-T
characteristics
Half tone color reproduction
range
Response time
Flicker
Image retention time
Symbol
Measurement
method
Min
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com