Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9727A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9727A
Description  N-MOSFET Load Switch Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9727A Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9727A Datasheet HTML 1Page - Richtek Technology Corporation RT9727A Datasheet HTML 2Page - Richtek Technology Corporation RT9727A Datasheet HTML 3Page - Richtek Technology Corporation RT9727A Datasheet HTML 4Page - Richtek Technology Corporation RT9727A Datasheet HTML 5Page - Richtek Technology Corporation RT9727A Datasheet HTML 6Page - Richtek Technology Corporation RT9727A Datasheet HTML 7Page - Richtek Technology Corporation RT9727A Datasheet HTML 8Page - Richtek Technology Corporation RT9727A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9727A
6
DS9727A-01 April 2011
www.richtek.com
Discharge Current vs. Temperature
0
10
20
30
40
50
60
70
80
-50-25
0
25
50
75100
125
Temperature (°C)
VDCx = 1.6V
VDCx = 3.3V
VDCx = 5V
VEN = 0V
Discharge Current vs. System Residual Voltage
0
10
20
30
40
50
60
70
0.0
0.5 1.0
1.5
2.0
2.5 3.0
3.5
4.0 4.5
5.0
System Residual Voltage (V)
VEN = 0V, COUT = 300
μF
VDCx Discharge Characteristic
0
1
2
3
4
5
6
0
2040
6080
100
Time (ms)
COUT = 300
μF
CT Sink Current vs. Temperature
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 25V
VCC = 6V
VEN = 0V, VCT = 0.5V
CT Source Current vs. Temperature
7
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 25V
VCC = 6V
VEN = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com