Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9727A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9727A
Description  N-MOSFET Load Switch Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9727A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9727A Datasheet HTML 1Page - Richtek Technology Corporation RT9727A Datasheet HTML 2Page - Richtek Technology Corporation RT9727A Datasheet HTML 3Page - Richtek Technology Corporation RT9727A Datasheet HTML 4Page - Richtek Technology Corporation RT9727A Datasheet HTML 5Page - Richtek Technology Corporation RT9727A Datasheet HTML 6Page - Richtek Technology Corporation RT9727A Datasheet HTML 7Page - Richtek Technology Corporation RT9727A Datasheet HTML 8Page - Richtek Technology Corporation RT9727A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9727A
3
DS9727A-01 April 2011
www.richtek.com
Electrical Characteristics
(VCC = 10V, VEN = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Current
ISHDN
VCC = 6V to 25V, EN = Low,
DC1 and DC2 = 0
--
5
10
μA
Quiescent Current
IQ
VCC = 6V to 25V, EN = High
--
40
65
μA
Power On Reset Threshold
VCCR_TH
VCC Rising
3.8
4.2
4.6
V
Power On Reset Hysteresis
VCC_hys
--
0.25
--
V
CT Output
CT Source Current
ICTsr
EN = High, CT = 0V
7
10
13
μA
CT Sink Current
ICTsk
EN = Low, CT = 0.5V
200
--
--
μA
Discharge Current
EN = Low, DCx = 5V
18
--
--
EN = Low, DCx = 3.3V
20
--
--
Discharge Current
IDCx
EN = Low, DCx = 1.6V
50
--
--
mA
Thermal Shutdown
Thermal Shutdown
tSHDN
--
160
--
°C
Thermal Shutdown Hysteresis
tSHDN_hys
--
20
--
°C
Logic Input
Logic-High
VIH
Rising
2.4
--
--
EN Threshold
Voltage
Logic-Low
VIL
Falling
--
--
0.8
V
Absolute Maximum Ratings
(Note 1)
VCC, CT to GND -----------------------------------------------------------------------------------------------------------
0.3V to 28V
EN, DC1, DC2 to GND ----------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C
SC-70-6 ---------------------------------------------------------------------------------------------------------------------- 0.3W
Package Thermal Resistance (Note 2)
SC-70-6,
θJA ---------------------------------------------------------------------------------------------------------------- 333°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC----------------------------------------------------------------------------------------------- 6V to 25V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com