Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9727A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9727A
Description  N-MOSFET Load Switch Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9727A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9727A Datasheet HTML 1Page - Richtek Technology Corporation RT9727A Datasheet HTML 2Page - Richtek Technology Corporation RT9727A Datasheet HTML 3Page - Richtek Technology Corporation RT9727A Datasheet HTML 4Page - Richtek Technology Corporation RT9727A Datasheet HTML 5Page - Richtek Technology Corporation RT9727A Datasheet HTML 6Page - Richtek Technology Corporation RT9727A Datasheet HTML 7Page - Richtek Technology Corporation RT9727A Datasheet HTML 8Page - Richtek Technology Corporation RT9727A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9727A
1
DS9727A-01 April 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
SC-70-6
Typical Application Circuit
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
N-MOSFET Load Switch Controller
General Description
The RT9727A is a load switch controller to control the
external N-MOSFET load switch. The input voltage range
of the RT9727A is from 6V to 25V. The RT9727A adopts
the constant power discharge method to discharge the
residual storages. Besides, the RT9727A also provides
enable control function and over temperature protection
function.
The RT9727A is available in a SC-70-6 package.
Features
Driver N-MOSFET Load Switch
Input Voltage Range : 6V to 25V
Constant Power Discharge
Over Temperature Protection
Enable Control
RoHS Compliant and Halogen Free
Applications
Notebook Computers
EN
DC2
VCC GND
CT
4
23
5
6
DC1
EN
RT9727A
VCC
VCC
GND
2
4
6
1
DC2
DC1
Chip Enable
CT 3
5
3V Source
To Systrm
5V Source
To Systrm
C1
Q1
Q2
C2
C3
C4
RT9727A
Package Type
U6 : SC-70-6
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9727A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9724 RICHTEK-RT9724 Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GB RICHTEK-RT9724GB Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
RT9724GQW RICHTEK-RT9724GQW Datasheet
316Kb / 13P
100m廓, 2A Slew Rate Controlled Load Switch
More results

Similar Description - RT9727A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2270HFV ROHM-BD2270HFV_09 Datasheet
262Kb / 13P
MOSFET Controller IC for Load Switching
logo
Analog Power
AM3865L ANALOGPOWER-AM3865L Datasheet
181Kb / 4P
P & N-Channel Load Switch MOSFET
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF Datasheet
197Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML0060PBF IRF-IRLML0060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2030PBF IRF-IRLML2030PBF Datasheet
272Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
HEXFETPower MOSFET Load/ System Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
Load Switch
logo
Global Mixed-mode Techn...
G5938 GMT-G5938 Datasheet
33Kb / 1P
N-MOSFET Load Switch Controller with Discharge Paths
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
PIR CONTROLLER IC FOR LOAD SWITCH
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com