Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL69 Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 3Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 4Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 5Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Http://www.getedz.com E-mail:sales@getedz.com
GETE ELECTRONICS CO.,LTD
广州市格特电子有限公司
TEL:0086-20-81849628   FAX:0086-20-81849638
ADD:广东省广州市越秀区惠福西路171号二楼212室   Room212,No171,HuiFuXi Road Guangzhou City China
HVCA
R
O
Do Series
Lead Diameter 0.6mm
L
D
FIGURE
1
25mm
高压二极管 High-Voltage Rectifier Diodes
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·彩色电视机高压主电源整流用
Rectification for high voltage power supply of color T.V.
·CRT显示器高压电源整流用
Rectification for high voltage power supply of CRT display
·其它高压电源整流用
Others
·空气净化器用
Air Clean Car
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
品
产
应
对
S
H
o
R
·
反向电压
Reverse Voltage
8.0kV-40kV
2
5.0mA-60mA 系列
Series
Repetitive Peak
Avg. Forward
Max. Forward
Max. Reverse
Max. Surge
Reverse Voltage
Current Max.
Voltage Drop
Current
Current
Max. Reverse
Case
Type
VRRM
IFAVM@55°C
VF@10ma
IR@VRRM@25°C
IFSM(8.3 ms)
Recovery Time
Length
Number
kV (Volts)
mA (milliAmps)
V (Volts)
µA (microAmps)
A (Amps)
Trr (nsec)
(mm)
型号     反向峰值电压   正向平均电流  正向峰值电压   反向直流电流  正向浪涌电流  恢复时间    外形尺寸
G • •FP Series
Fig1
D
L
4.2x15
3.0x12
G20FP
20
10
55
0.2
3.0
100
3.0
12
G25FP
25
10
55
0.2
3.0
100
3.0
12
G30FP
30
10
55
0.2
3.0
100
3.0
12
JB • • Series
Fig1
D
L
JB99T
20
20
45
3.0
1.0
100
3.0
12
JB99
20
20
40
3.0
1.0
100
4.2
15
HVRT • • • Series
Fig1
D
L
HVRT080
8
30
20
2.0
3.0
100
3.0
8
HVRT100
10
30
23
2.0
3.0
100
3.0
10
HVRT120
12
30
25
2.0
3.0
100
3.0
10
HVRT150
15
30
30
2.0
3.0
100
3.0
12
HVRT200
20
30
35
2.0
3.0
100
3.0
12
HVRT250
25
30
40
2.0
3.0
100
3.0
12
HVRT300
30
30
45
2.0
3.0
100
3.0
12
HVRL150
15
30
30
2.0
3.0
100
4.2
15
HVRL200
20
30
35
2.0
3.0
100
4.2
15
HVRL250
25
30
40
2.0
3.0
100
4.2
15
HVRL300
30
30
45
2.0
3.0
100
4.2
15
HVRL400
40
30
50
2.0
3.0
100
4.2
15
2CL2F• Series
Fig1
D
L
HVRL • • • Series
Fig1
D
L
2CL2FF
8
60
16
2.0
10
150
4.2
15
2CL2FG
10
60
18
2.0
10
150
4.2
15
2CL2FH
12
60
20
2.0
10
150
4.2
15
2CL2FJ
15
60
24
2.0
10
150
4.2
15
The negative ion generator
负离子发生器
静电喷涂设备
Electrostatic spraying equipment
Power supply of medical equipment
医疗设备电源
激光器,电压倍增电路
Laser, voltage multiplier circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com