Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL69 Datasheet(PDF) 4 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 4 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 3Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 4Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 5Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVCA
R
O
Do Series
Lead Diameter 0.6mm
L
D
FIGURE
1
25mm
高压二极管 High-Voltage Rectifier Diodes
Http://www.getedz.com E-mail:sales@getedz.com
GETE ELECTRONICS CO.,LTD
广州市格特电子有限公司
TEL:0086-20-81849628   FAX:0086-20-81849638
ADD:广东省广州市越秀区惠福西路171号二楼212室   Room212,No171,HuiFuXi Road Guangzhou City China
 
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·其它高压电源整流用
Others
·空气净化器用
Air Clean Car
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
品
产
应
对
S
H
o
R
·
反向电压
Reverse Voltage
1.0kV-15kV
4
350mA Up 系列
 
Series
Repetitive Peak
Avg. Forward
Max. Forward
Max. Reverse
Max. Surge
Reverse Voltage
Current Max.
Voltage Drop
Current
Current
Max. Reverse
Case
Type
VRRM
IFAVM@55°C
VF@10ma
IR@VRRM@25°C
IFSM(8.3 ms)
Recovery Time
Length
Number
kV (Volts)
mA (milliAmps)
V (Volts)
µA (microAmps)
A (Amps)
Trr (nsec)
(mm)
型号     反向峰值电压   正向平均电流  正向峰值电压   反向直流电流  正向浪涌电流  恢复时间    外形尺寸
350mA Up Series
1
Fig1
D
L
The negative ion generator
负离子发生器
静电喷涂设备
Electrostatic spraying equipment
Power supply of medical equipment
医疗设备电源
激光器,电压倍增电路
Laser, voltage multiplier circuit
微波发射电源 Microwave power
微波炉专用
For microwave oven
2CL103
09
350
10
3.0
30
--
7.0
21
2CL104
12
350
12
3.0
30
--
7.0
21
2CL105
09
450
11
3.0
30
--
7.0
21
2CL106
12
450
13
3.0
30
--
7.0
21
HV500F08
08
500
14
5.0
25
100
7.0
21
HV500F10
10
500
16
5.0
25
100
7.0
21
HV500F12
12
450
18
5.0
25
100
7.0
21
HV500F15
15
400
20
5.0
25
100
7.0
21
BR2
02
2000
2.4
3.0
40
--
5.0
9
BR4
04
1000
4.4
3.0
20
--
5.0
9
BR12
12
350
12
3.0
20
--
5.0
9
BR3F
03
1000
9.0
5.0
20
150
5.0
9
BR2F
02
1000
9.0
5.0
20
150
5.0
9
BR4F
04
800
11
5.0
20
150
5.0
9
BR10F
10
800
25
5.0
20
150
5.0
9
BR5F
05
800
14
5.0
20
150
5.0
9
GT-FOB
08
500
14
1.0
30
50
7.0
21
HVRM1
01
4000
3.0
50
100
--
9.0
9
HVRM2
02
3500
4.0
50
80
--
9.0
9
HVRM3
03
3000
5.0
50
60
--
9.0
9
HVRM4
04
2000
6.0
50
50
--
9.0
9
HVRW1
01
2500
2.0
50
100
150
9.0
9
HVRW2
02
2000
4.0
50
80
150
9.0
9
HVRW3
03
1500
5.0
50
60
150
9.0
9
HVRW4
04
1000
6.0
50
50
150
9.0
9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com