Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL69 Datasheet(PDF) 3 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL69
Description  5mA 4kV HIGH VOLTAGE DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL69 Datasheet(HTML) 3 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL69 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 3Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 4Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL69 Datasheet HTML 5Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Http://www.getedz.com E-mail:sales@getedz.com
GETE ELECTRONICS CO.,LTD
广州市格特电子有限公司
TEL:0086-20-81849628   FAX:0086-20-81849638
ADD:广东省广州市越秀区惠福西路171号二楼212室   Room212,No171,HuiFuXi Road Guangzhou City China
HVCA
R
O
Do Series
Lead Diameter 0.6mm
L
D
FIGURE
1
25mm
高压二极管 High-Voltage Rectifier Diodes
特征
Features
·超小型
Supersmall size
·高可靠性
High reliability
·高速开关
High speed switching
用途
Purpose
·彩色电视机高压主电源整流用
Rectification for high voltage power supply of color T.V.
·CRT显示器高压电源整流用
Rectification for high voltage power supply of CRT display
·其它高压电源整流用
Others
·空气净化器用
Air Clean Car
s
t
c
u
d
o
r
p
g
n
i
d
n
o
p
s
e
r
r
o
c
S
H
o
R
品
产
应
对
S
H
o
R
·
反向电压
Reverse Voltage
4.0kV-35kV
3
100mA-400mA 系列
Series
Repetitive Peak
Avg. Forward
Max. Forward
Max. Reverse
Max. Surge
Reverse Voltage
Current Max.
Voltage Drop
Current
Current
Max. Reverse
Case
Type
VRRM
IFAVM@55°C
VF@10ma
IR@VRRM@25°C
IFSM(8.3 ms)
Recovery Time
Length
Number
kV (Volts)
mA (milliAmps)
V (Volts)
µA (microAmps)
A (Amps)
Trr (nsec)
(mm)
型号     反向峰值电压   正向平均电流  正向峰值电压   反向直流电流  正向浪涌电流  恢复时间    外形尺寸
100mA-400mA Series
Fig1
D
L
The negative ion generator
负离子发生器
静电喷涂设备
Electrostatic spraying equipment
Power supply of medical equipment
医疗设备电源
激光器,电压倍增电路
Laser, voltage multiplier circuit
2CL2F
08
100
10
2.0
20
--
4.2
15
2CL2G
10
100
12
2.0
20
--
4.2
15
2CL2H
12
100
13
2.0
20
--
4.2
15
2CL2J
15
100
16
2.0
20
--
4.2
15
2CL2FK
10
100
22
2.0
10
100
4.2
15
2CL2FL
15
100
26
2.0
10
100
4.2
15
2CL2FM
20
100
35
2.0
10
100
4.2
15
2CL2FP
30
100
45
2.0
10
100
4.2
15
2CL2FR
35
100
50
2.0
10
100
4.2
15
JB289
35
100
50
2.0
10
100
4.2
15
CL03-10F
10
300
25
5.0
15
80
7.0
21
04
200
13
2.0
10
100
3.0
08
2CL2FD
2CL2FE
06
200
18
2.0
10
100
3.0
08
CL03-08
08
400
25
5.0
15
100
7.0
21
CL03-10
10
300
28
5.0
15
100
7.0
21
CL03-12
12
250
30
5.0
15
100
7.0
21
CL03-15
15
200
35
5.0
15
100
7.0
21
CL03-20
20
120
38
5.0
15
100
7.0
21
CL03-15F
15
200
35
5.0
15
80
7.0
21
HV37-08
HV37-10
HV37-12
HV37-20
HV37-08F
HV37-10F
HV37-12F
HV37-20F
08
400
18
5.0
10
100
4.2
15
10
350
25
5.0
10
100
4.2
15
12
300
30
5.0
10
100
4.2
15
20
200
35
5.0
10
100
4.2
15
08
400
18
5.0
10
80
4.2
15
10
350
23
5.0
10
80
4.2
15
12
300
28
5.0
10
80
4.2
15
20
200
35
5.0
10
80
4.2
15
HVC10F
10
200
20
5.0
20
80
3.0 10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com