Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4SA16B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 17Page - ATMEL Corporation SAM4SA16B Datasheet HTML 18Page - ATMEL Corporation SAM4SA16B Datasheet HTML 19Page - ATMEL Corporation SAM4SA16B Datasheet HTML 20Page - ATMEL Corporation SAM4SA16B Datasheet HTML 21Page - ATMEL Corporation SAM4SA16B Datasheet HTML 22Page - ATMEL Corporation SAM4SA16B Datasheet HTML 23Page - ATMEL Corporation SAM4SA16B Datasheet HTML 24Page - ATMEL Corporation SAM4SA16B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Figure 5-3.
Backup Battery
5.4
Active Mode
Active mode is the normal running mode with the core clock running from the fast RC oscillator,
the main crystal oscillator or the PLLA. The power management controller can be used to adapt
the frequency and to disable the peripheral clocks.
5.5
Low-Power Modes
The various low-power modes of the SAM4S are described below:
5.5.1
Backup Mode
The purpose of backup mode is to achieve the lowest power consumption possible in a system
which is performing periodic wake-ups to perform tasks but not requiring fast startup time. Total
current consumption is 1 µA typical (VDDIO = 1.8V to 25°C).
The Supply Controller, zero-power power-on reset, RTT, RTC, Backup registers and 32 kHz
oscillator (RC or crystal oscillator selected by software in the Supply Controller) are running. The
regulator and the core supply are off.
Backup mode is based on the Cortex-M4 deep sleep mode with the voltage regulator disabled.
The SAM4S can be awakened from this mode through WUP0-15 pins, the supply monitor (SM),
the RTT or RTC wake-up event.
Backup mode is entered by writing the Supply Controller Control Register (SUPC_CR) with the
VROFF bit at 1 (a key is needed to write the VROFF bit, please refer to the “Supply Controller
(SUPC)” section of the product datasheet) and with the SLEEPDEEP bit in the Cortex-M4 Sys-
tem Control Register set to 1. (See the Power management description in the “ARM Cortex-M4
Processor” section of the product datasheet).
ADC, DAC
Analog Comp.
USB
Transceivers.
VDDIN
Voltage
Regulator
3.3V
LDO
Backup
Battery
+
-
ON/OFF
IN
OUT
VDDOUT
Main Supply
VDDCORE
ADC, DAC, Analog
Comparator Supply
(2.0V-3.6V)
VDDIO
VDDPLL
PIOx (Output)
WAKEUPx
External wakeup signal
Note: The two diodes provide a “switchover circuit” (for illustration purpose)
between the backup battery and the main supply when the system is put in
backup mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com