Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4SA16B Datasheet(PDF) 41 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 37Page - ATMEL Corporation SAM4SA16B Datasheet HTML 38Page - ATMEL Corporation SAM4SA16B Datasheet HTML 39Page - ATMEL Corporation SAM4SA16B Datasheet HTML 40Page - ATMEL Corporation SAM4SA16B Datasheet HTML 41Page - ATMEL Corporation SAM4SA16B Datasheet HTML 42Page - ATMEL Corporation SAM4SA16B Datasheet HTML 43Page - ATMEL Corporation SAM4SA16B Datasheet HTML 44Page - ATMEL Corporation SAM4SA16B Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
10.1
System Controller and Peripheral Mapping
Refer to Figure 8-1, "SAM4S Product Mapping".
All the peripherals are in the bit band region and are mapped in the bit band alias region.
10.2
Power-on-Reset, Brownout and Supply Monitor
The SAM4S embeds three features to monitor, warn and/or reset the chip:
• Power-on-Reset on VDDIO
• Brownout Detector on VDDCORE
• Supply Monitor on VDDIO
10.2.1
Power-on-Reset
The Power-on-Reset monitors VDDIO. It is always activated and monitors voltage at start up but
also during power down. If VDDIO goes below the threshold voltage, the entire chip is reset. For
more information, refer to the “Electrical Characteristics” section of the datasheet.
10.2.2
Brownout Detector on VDDCORE
The Brownout Detector monitors VDDCORE. It is active by default. It can be deactivated by soft-
ware through the Supply Controller (SUPC_MR). It is especially recommended to disable it
during low-power modes such as wait or sleep modes.
If VDDCORE goes below the threshold voltage, the reset of the core is asserted. For more infor-
mation, refer to the “Supply Controller (SUPC)” and “Electrical Characteristics” sections of the
datasheet.
10.2.3
Supply Monitor on VDDIO
The Supply Monitor monitors VDDIO. It is not active by default. It can be activated by software
and is fully programmable with 16 steps for the threshold (between 1.6V to 3.4V). It is controlled
by the Supply Controller (SUPC). A sample mode is possible. It allows to divide the supply mon-
itor power consumption by a factor of up to 2048. For more information, refer to the “Supply
Controller (SUPC)” and “Electrical Characteristics” sections of the datasheet.
10.3
Reset Controller
The Reset Controller is based on a Power-on-Reset cell, and a Supply Monitor on VDDCORE.
The Reset Controller is capable to return to the software the source of the last reset, either a
general reset, a wake-up reset, a software reset, a user reset or a watchdog reset.
The Reset Controller controls the internal resets of the system and the NRST pin input/output. It
is capable to shape a reset signal for the external devices, simplifying to a minimum connection
of a push-button on the NRST pin to implement a manual reset.
The configuration of the Reset Controller is saved as supplied on VDDIO.
10.4
Supply Controller (SUPC)
The Supply Controller controls the power supplies of each section of the processor and the
peripherals (via Voltage regulator control).
The Supply Controller has its own reset circuitry and is clocked by the 32 kHz Slow clock
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com