Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4SA16B Datasheet(PDF) 46 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 42Page - ATMEL Corporation SAM4SA16B Datasheet HTML 43Page - ATMEL Corporation SAM4SA16B Datasheet HTML 44Page - ATMEL Corporation SAM4SA16B Datasheet HTML 45Page - ATMEL Corporation SAM4SA16B Datasheet HTML 46Page - ATMEL Corporation SAM4SA16B Datasheet HTML 47Page - ATMEL Corporation SAM4SA16B Datasheet HTML 48Page - ATMEL Corporation SAM4SA16B Datasheet HTML 49Page - ATMEL Corporation SAM4SA16B Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
10.13 Chip Identification
• Chip Identifier (CHIPID) registers permit recognition of the device and its revision.
• JTAG ID: 05B3_203F
10.14 PIO Controllers
• 3 PIO Controllers, PIOA, PIOB and PIOC (100-pin version only) controlling a maximum of 79
I/O Lines
• Each PIO Controller controls up to 32 programmable I/O Lines
• Fully programmable through Set/Clear Registers
• Multiplexing of four peripheral functions per I/O Line
• For each I/O Line (whether assigned to a peripheral or used as general purpose I/O)
– Input change interrupt
– Programmable Glitch filter
– Programmable debouncing filter
– Multi-drive option enables driving in open drain
– Programmable pull-up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time
– Additional interrupt modes on a programmable event: rising edge, falling edge, low
level or high level
– Lock of the configuration by the connected peripheral
• Synchronous output, provides set and clear of several I/O lines in a single write
Table 10-1.
SAM4S Chip IDs Register
Chip Name
Flash Size
(Kbytes)
RAM Size
(Kbytes)
Pin Count
CHIPID_CIDR
CHIPID_EXID
SAM4SD32C
2*1024
160
100
0X29A7_0EE0
SAM4SD32B
2*1024
160
64
0X2997_0EE0
SAM4SD16C
2*512
160
100
0X29A7_0CE0
SAM4SD16B
2*512
160
64
0X2997_0CE0
SAM4SA16C
1024
160
100
0X28A7_0CE0
0x0
SAM4SA16B
1024
160
64
0X2897_0CE0
0x0
SAM4S16B
1024
128
64
0x289C_0CE0
0x0
SAM4S16C
1024
128
100
0x28AC_0CE0
0x0
SAM4S8B
512
128
64
0x289C_0AE0
0x0
SAM4S8C
512
128
100
0x28AC_0AE0
0x0
Table 10-2.
PIO available according to pin count
Version
64 pin
100 pin
PIOA
32
32
PIOB
15
15
PIOC
-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com