Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # VXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  VXG Datasheet HTML 1Page - RUBYCON CORPORATION VXG Datasheet HTML 2Page - RUBYCON CORPORATION VXG Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.90 1.00 1.05 1.10 1.15
0.80
10∼100WV
200∼250WV
1.00 1.20 1.30 1.50
0.80
400∼500WV
1.00 1.20 1.25 1.40
Rated Voltage
(V)
Z
(−25℃)
/Z
(20℃)
10∼100
3
200∼250
3
Z
(−40℃)
/Z
(20℃)
12
−
400∼450
8
−
500
12
−
(120Hz)
(20℃,
120Hz)
Rated Voltage
(V)
tanδ
0.55
10
0.50
16
0.45
25
0.40
35
0.35
50
0.30
63
0.25
80
0.20
100
0.25
500
0.20
200∼
250
0.20
400∼
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXG
SERIES
VXG
◆SPECIFICATIONS
Items
Characteristics
−40∼+105℃
10∼100V.DC
−25∼+105℃
200∼500V.DC
±20%
(20℃,
120Hz)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20%(For 10WV ; ±25%)of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ 5000 hours, Miniaturized, Snap-in Terminal Type
◆FEATURES
・Load Life : 105℃ 5000 hours.
・RoHS compliance.
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
I=3 CV
(After 5 minutes application of rated voltage)
◆PART NUMBER
□□□
Rated Voltage
VXG
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
(PET)
VENT
※For φ35, 3.5±0.5
●SN[4(3.5)mm]terminal type
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆OPTION
PET Sleeve without plate
EFC
Code
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)


Similar Part No. - VXG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VXG4 MACOM-VXG4 Datasheet
385Kb / 5P
Schottky Detector Diodes
logo
RUBYCON CORPORATION
VXG RUBYCON-VXG_15 Datasheet
219Kb / 3P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - VXG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com